PART |
Description |
Maker |
LX8582A-XX LX8582 LX8582A-00 LX8582A-00CP LX8582A- |
8.5A LOW DROPOUT POSITIVE REGULATORS From old datasheet system 8 .5 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
http:// MICROSEMI[Microsemi Corporation]
|
L4941BS L4941BX L4941BD2T L4941BDT-TR L4941BDTTR L |
VERY LOW DROP 1A REGULATOR 1A极低降调 1A-5V LOW DROP REGULATOR
|
STMicroelectronics N.V. ST Microelectronics
|
LD2982AM50R LD2982AM40R LD2982BXX50 LD2982BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION / LOW ESR CAP. COMPATIBLE VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE 极低DROP和低的禁止功能,低ESR第噪声稳压器。兼
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
LX8940 LX8940CP LX8940IP |
Low Drop Out Regulator - Positive Fixed 5V LOW DROPOUT REGULATOR From old datasheet system
|
MICROSEMI[Microsemi Corporation]
|
LX8213-12ISE LX8213-33ISE LX8213-00ISE |
Low Drop Out Regulator - Positive Adjustable; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; 1.2 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 Low Drop Out Regulator - Positive Fixed; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; VOUT (V): 1.224; 1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 300mA Low Noise CMOS LDO Regulator
|
Microsemi, Corp. Microsemi Corporation
|
TMK316BJ105KL GRM40X7R10 LMK316BJ475ML EMK316BJ105 |
Low Drop Output Voltage Regulator Low Drop Output Voltage Regulator 低压差稳压器输出电压 Fuses, 80mA 250V T IEC GLASS LEAD 低压差稳压器输出电压
|
Impala Linear Corporation AUK[AUK corp] AUK, Corp.
|
KIA278R05PI KIA278R06PI KIA278R08PI KIA278R09PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头A输出低压差稳压器 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头2A输出低压差稳压器 2A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
MC78PC50NTRG MC78PC18NTRG MC78PC30NTR MC78PC30NTRG |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5
|
ON Semiconductor
|
TLE447008 TLE4470G TLE4470GS |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO14 Dual Low-Drop Voltage Regulator Very low dropout
|
Infineon Technologies AG
|
TLE4267G TLE4267GM |
5-V Low Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 PLASTIC, SOP-14
|
Infineon Technologies AG SIEMENS AG
|